Part Number Hot Search : 
B70NF B1010 57100 STN85109 SN3904 MCP111 12S15 1107R2
Product Description
Full Text Search
 

To Download NSVMMUN2235LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 august, 2015 ? rev. 3 1 publication order number: dtc123j/d mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 digital transistors (brt) r1 = 2.2 k  , r2 = 47 k  npn transistors with monolithic bias resistor network this series of digital transistors is designed to replace a single device and its external resistor bias network. the bias resistor transistor (brt) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base?emitter resistor. the brt eliminates these individual components by integrating them into a single device. the use of a brt can reduce both system cost and board space. features ? simplifies circuit design ? reduces board space ? reduces component count ? s and nsv prefix for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable ? these devices are pb?free, halogen free/bfr free and are rohs compliant maximum ratings (t a = 25 c) rating symbol max unit collector?base voltage v cbo 50 vdc collector?emitter voltage v ceo 50 vdc collector current ? continuous i c 100 madc input forward voltage v in(fwd) 12 vdc input reverse voltage v in(rev) 6 vdc stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. pin 3 collector (output) pin 2 emitter (ground) pin 1 base (input) r1 r2 www. onsemi.com pin connections see detailed ordering, marking, and shipping information in the package dimensions section on page 2 of this data sheet . ordering information sc?75 case 463 style 1 marking diagrams xxx = specific device code m = date code*  = pb?free package (note: microdot may be in either location) *date code orientation may vary depending up- on manufacturing location. sc?59 case 318d style 1 sot?23 case 318 style 6 sc?70/sot?323 case 419 style 3 sot?723 case 631aa style 1 sot?1123 case 524aa style 1 xx m   1 1 xxx m   xx m   1 xx m 1 x m xx m 1 1
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 2 table 1. ordering information device part marking package shipping ? mun2235t1g 6m sc?59 (pb?free) 3000 / tape & reel mmun2235lt1g, NSVMMUN2235LT1G* aa2 sot?23 (pb?free) 3000 / tape & reel mun5235t1g, smun5235t1g* 8m sc?70/sot?323 (pb?free) 3000 / tape & reel dtc123jet1g, nsvdtc123jet1g* 8m sc?75 (pb?free) 3000 / tape & reel dtc123jm3t5g 8m sot?723 (pb?free) 8000 / tape & reel nsbc123jf3t5g v sot?1123 (pb?free) 8000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *s and nsv prefix for automotive and other applications requiring unique site and control change requirements; aec?q101 qualifi ed and ppap capable. figure 1. derating curve ambient temperature ( c) 125 100 75 50 25 0 ?25 ?50 0 50 100 150 200 250 300 p d , power dissipation (mw) 150 (1) (2) (3) (4) (5) (1) sc?75 and sc?70/sot323; minimum pad (2) sc?59; minimum pad (3) sot?23; minimum pad (4) sot?1123; 100 mm 2 , 1 oz. copper trace (5) sot?723; minimum pad
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 3 table 2. thermal characteristics characteristic symbol max unit thermal characteristics (sc?59) (mun2235) total device dissipation t a = 25 c (note 1) (note 2) derate above 25 c (note 1) (note 2) p d 230 338 1.8 2.7 mw mw/ c thermal resistance, (note 1) junction to ambient (note 2) r  ja 540 370 c/w thermal resistance, (note 1) junction to lead (note 2) r  jl 264 287 c/w junction and storage temperature range t j , t stg ?55 to +150 c thermal characteristics (sot?23) (mmun2235l) total device dissipation t a = 25 c (note 1) (note 2) derate above 25 c (note 1) (note 2) p d 246 400 2.0 3.2 mw mw/ c thermal resistance, (note 1) junction to ambient (note 2) r  ja 508 311 c/w thermal resistance, (note 1) junction to lead (note 2) r  jl 174 208 c/w junction and storage temperature range t j , t stg ?55 to +150 c thermal characteristics (sc?70/sot?323) (mun5235) total device dissipation t a = 25 c (note 1) (note 2) derate above 25 c (note 1) (note 2) p d 202 310 1.6 2.5 mw mw/ c thermal resistance, (note 1) junction to ambient (note 2) r  ja 618 403 c/w thermal resistance, (note 1) junction to lead (note 2) r  jl 280 332 c/w junction and storage temperature range t j , t stg ?55 to +150 c thermal characteristics (sc?75) (dtc123je) total device dissipation t a = 25 c (note 1) (note 2) derate above 25 c (note 1) (note 2) p d 200 300 1.6 2.4 mw mw/ c thermal resistance, (note 1) junction to ambient (note 2) r  ja 600 400 c/w junction and storage temperature range t j , t stg ?55 to +150 c thermal characteristics (sot?723) (dtc123jm3) total device dissipation t a = 25 c (note 1) (note 2) derate above 25 c (note 1) (note 2) p d 260 600 2.0 4.8 mw mw/ c thermal resistance, (note 1) junction to ambient (note 2) r  ja 480 205 c/w junction and storage temperature range t j , t stg ?55 to +150 c 1. fr?4 @ minimum pad. 2. fr?4 @ 1.0 x 1.0 inch pad. 3. fr?4 @ 100 mm 2 , 1 oz. copper traces, still air. 4. fr?4 @ 500 mm 2 , 1 oz. copper traces, still air.
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 4 table 2. thermal characteristics characteristic unit max symbol thermal characteristics (sot?1123) (nsbc123jf3) total device dissipation t a = 25 c (note 3) (note 4) derate above 25 c (note 3) (note 4) p d 254 297 2.0 2.4 mw mw/ c thermal resistance, (note 3) junction to ambient (note 4) r  ja 493 421 c/w thermal resistance, junction to lead (note 3) r  jl 193 c/w junction and storage temperature range t j , t stg ?55 to +150 c 1. fr?4 @ minimum pad. 2. fr?4 @ 1.0 x 1.0 inch pad. 3. fr?4 @ 100 mm 2 , 1 oz. copper traces, still air. 4. fr?4 @ 500 mm 2 , 1 oz. copper traces, still air. table 3. electrical characteristics (t a = 25 c, unless otherwise noted) characteristic symbol min typ max unit off characteristics collector?base cutoff current (v cb = 50 v, i e = 0) i cbo ? ? 100 nadc collector?emitter cutoff current (v ce = 50 v, i b = 0) i ceo ? ? 500 nadc emitter?base cutoff current (v eb = 6.0 v, i c = 0) i ebo ? ? 0.2 madc collector?base breakdown voltage (i c = 10  a, i e = 0) v (br)cbo 50 ? ? vdc collector?emitter breakdown voltage (note 5) (i c = 2.0 ma, i b = 0) v (br)ceo 50 ? ? vdc on characteristics dc current gain (note 5) (i c = 5.0 ma, v ce = 10 v) h fe 80 140 ? collector  emitter saturation voltage (note 5) (i c = 10 ma, i b = 1.0 ma) v ce(sat) ? ? 0.25 vdc input voltage (off) (v ce = 5.0 v, i c = 100  a) v i(off) ? 0.6 0.5 vdc input voltage (on) (v ce = 0.3 v, i c = 5.0 ma) v i(on) 1.1 0.8 ? vdc output voltage (on) (v cc = 5.0 v, v b = 2.5 v, r l = 1.0 k  ) v ol ? ? 0.2 vdc output voltage (off) (v cc = 5.0 v, v b = 0.5 v, r l = 1.0 k  ) v oh 4.9 ? ? vdc input resistor r1 1.5 2.2 2.9 k  resistor ratio r 1 /r 2 0.038 0.047 0.056 5. pulsed condition: pulse width = 300 msec, duty cycle  2%.
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 5 typical characteristics mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3 f = 10 khz i e = 0 a t a = 25 c 3.6 3.2 2.8 2.4 2 1.6 1.2 0.8 0.4 0 010 20304050 75 c 25 c ?25 c figure 2. v ce(sat) vs. i c figure 3. dc current gain figure 4. output capacitance figure 5. output current vs. input voltage v in , input voltage (v) v r , reverse bias voltage (volts) figure 6. input voltage vs. output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 10 0 10 1 1000 10 1 0.001 v ce(sat) , collector?emitter voltage (v) h fe , dc current gain c ob , capacitance (pf) 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (v) 75 c 25 c t a = ?25 c 75 c 25 c t a = ?25 c 75 c 25 c t a = ?25 c 0.01 0.01 0.1 30 100 v o = 5 v v o = 0.2 v i c /i b = 10 v ce = 10 v
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 6 typical characteristics nsbc123jf3 150 c 25 c ?55 c figure 7. v ce(sat) vs. i c figure 8. dc current gain figure 9. output capacitance figure 10. output current vs. input voltage v in , input voltage (v) v r , reverse bias voltage (v) figure 11. input voltage vs. output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 10 0 10 1 1000 10 1 v ce(sat) , collector?emitter voltage (v) h fe , dc current gain 50 40 30 20 10 0 c ob , capacitance (pf) 100 0.001 1 10 i c , collector current (ma) 10 30 20 10 0 0.1 1 40 50 v in , input voltage (v) 0.01 0.01 0.1 30 100 f = 10 khz i e = 0 a t a = 25 c v o = 5 v v o = 0.2 v i c /i b = 10 v ce = 10 v ?55 c 25 c 150 c 2.4 2 1.6 1.2 0.8 0.4 0 25 c ?55 c 150 c 0 0.5 1 1.5 2 2.5 3 100 25 c 150 c ?55 c
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 7 package dimensions sc?59 case 318d?04 issue h style 1: pin 1. base 2. emitter 3. collector e a1 b a e d 2 3 1 c l notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 2.4 0.094 0.95 0.037 0.95 0.037 1.0 0.039 0.8 0.031  mm inches  scale 10:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h e dim a min nom max min millimeters 1.00 1.15 1.30 0.039 inches a1 0.01 0.06 0.10 0.001 b 0.35 0.43 0.50 0.014 c 0.09 0.14 0.18 0.003 d 2.70 2.90 3.10 0.106 e 1.30 1.50 1.70 0.051 e 1.70 1.90 2.10 0.067 l 0.20 0.40 0.60 0.008 2.50 2.80 3.00 0.099 0.045 0.051 0.002 0.004 0.017 0.020 0.005 0.007 0.114 0.122 0.059 0.067 0.075 0.083 0.016 0.024 0.110 0.118 nom max h e
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 8 package dimensions sot?23 (to?236) case 318?08 issue ap d a1 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions, or gate burrs.  mm inches  scale 10:1 0.8 0.031 0.9 0.035 0.95 0.037 0.95 0.037 2.0 0.079 soldering footprint view c l 0.25 l1  e e e b a see view c dim a min nom max min millimeters 0.89 1.00 1.11 0.035 inches a1 0.01 0.06 0.10 0.001 b 0.37 0.44 0.50 0.015 c 0.09 0.13 0.18 0.003 d 2.80 2.90 3.04 0.110 e 1.20 1.30 1.40 0.047 e 1.78 1.90 2.04 0.070 l 0.10 0.20 0.30 0.004 0.040 0.044 0.002 0.004 0.018 0.020 0.005 0.007 0.114 0.120 0.051 0.055 0.075 0.081 0.008 0.012 nom max l1 h style 6: pin 1. base 2. emitter 3. collector 2.10 2.40 2.64 0.083 0.094 0.104 h e 0.35 0.54 0.69 0.014 0.021 0.029 c 0 ??? 10 0 ??? 10 
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 9 package dimensions sc?70 (sot?323) case 419?04 issue n style 3: pin 1. base 2. emitter 3. collector a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.70 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.38 0.028 ref 0.026 bsc 0.015 0.20 0.56 0.008 0.022
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 10 package dimensions sc?75/sot?416 case 463 issue f style 1: pin 1. base 2. emitter 3. collector notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. m 0.20 (0.008) d ?e? ?d? b e 3 pl 0.20 (0.008) e c l a a1 3 2 1 h e dim min nom max millimeters a 0.70 0.80 0.90 a1 0.00 0.05 0.10 b c 0.10 0.15 0.25 d 1.55 1.60 1.65 e e 1.00 bsc 0.027 0.031 0.035 0.000 0.002 0.004 0.004 0.006 0.010 0.059 0.063 0.067 0.04 bsc min nom max inches 0.15 0.20 0.30 0.006 0.008 0.012 h e l 0.10 0.15 0.20 1.50 1.60 1.70 0.004 0.006 0.008 0.061 0.063 0.065 0.70 0.80 0.90 0.027 0.031 0.035 0.787 0.031 0.508 0.020 1.000 0.039  mm inches  scale 10:1 0.356 0.014 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 1.803 0.071
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 11 package dimensions sot?723 case 631aa issue d dim min nom max millimeters a 0.45 0.50 0.55 b 0.15 0.21 0.27 b1 0.25 0.31 0.37 c 0.07 0.12 0.17 d 1.15 1.20 1.25 e 0.75 0.80 0.85 e 0.40 bsc h 1.15 1.20 1.25 l e notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions or gate burrs. d b1 e b e a l c h ?y? ?x? x 0.08 y 2x e 1 2 3 style 1: pin 1. base 2. emitter 3. collector *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* l2 0.15 0.20 0.25 0.29 ref 3x l2 3x 1 2x top view bottom view side view recommended dimensions: millimeters 0.40 1.50 2x package outline 0.27 2x 0.52 3x 0.36
mun2235, mmun2235l, mun5235, dtc123je, dtc123jm3, nsbc123jf3 www. onsemi.com 12 package dimensions sot?1123 case 524aa issue c notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of base material. 4. dimensions d and e do not include mold flash, protrusions, or gate burrs. dim min max millimeters a 0.34 0.40 b 0.15 0.28 c 0.07 0.17 d 0.75 0.85 e 0.55 0.65 0.95 1.05 l 0.185 ref h e d e c a ?y? ?x? h e *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* e b1 0.10 0.20 style 1: pin 1. base 2. emitter 3. collector 1 2 3 0.35 0.40 top view side view 3x bottom view l2 l 3x dimensions: millimeters 1.20 2x 0.26 3x 0.34 package outline b 2x b1 e 0.08 xy l2 0.05 0.15 0.20 0.38 1 on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other inte llectual property. a listing of scillc?s pr oduct/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 dtc123j/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NSVMMUN2235LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X